PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
ISL28238 ISL28238FBZ ISL28238FBZ-T7 ISL28238FUZ IS |
4.5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current; Temperature Range: Full-Range Ind; Package: 8-SOIC OP-AMP, 650 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil, Corp. Intersil Corporation
|
ISP626-1X10 |
LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
ISOCOM COMPONENTS
|
PC367N1J000F |
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
|
Sharp Electrionic Components
|
SFH6286-2T |
Optocoupler, Phototransistor Output, AC Input, Low Input Current
|
Vishay Siliconix
|
AD8512ARMZ AD8510ARMZ-REEL AD8510BR AD8510ARZ AD85 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 Precision, Very Low Noise, Low Input Bias Current
|
Analog Devices, Inc.
|
ISL2815808 ISL28258FUZ-T7 |
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
LT1008 LT1008CH LT1008CN8 LT1008MH |
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp 微小输入电流,伏失调,低噪声运算放大 Picoamp Input Current,Microvolt Offset,Low Noise Op Amp OP-AMP, 250 uV OFFSET-MAX, MBCY8 Picoamp Input Current,Microvolt Offset,Low Noise Op Amp OP-AMP, 320 uV OFFSET-MAX, MBCY8 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
6N138 E001819 6N139 |
IRED & PHOTO IC (CURRENT LOOP DRIVER/ LOW INPUT CURRENT LINE RECEIVER/ COMS LOGIC INTERFACE) IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE) CURRENT LOOP DRIVER LOW INPUT CURRENT LINE RECEIVER CMOS LOGIC INTERFACE From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
PC3H41XNIP PC3H410NIP PC3Q410NIP PC3H41XNIP-SERIES |
AC Input, Low Input Current Type Photocoupler AC Input Low Input Current Type Photocoupler AC Input/ Low Input Current Type Photocoupler
|
SHARP[Sharp Electrionic Components] Sharp Corporation
|
SFH628A-2-X006 SFH628A-3-X006 SFH628A-4-X006 SFH62 |
Optocoupler, Phototransistor Output, AC Input, Low Input Current Optocoupler Phototransistor Output AC Input Low Input Current Optocoupler / Phototransistor Output / AC Input / Low Input Current
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|